PART |
Description |
Maker |
STK20N75F3 |
N-channel 75 V, 0.0065 OHM, 20 A, PolarPAK STripFET Power MOSFET
|
STMicroelectronics
|
STB80NF55L-08-1 STB80NF55L-08T4 STMICROELECTRONICS |
80 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-CHANNEL 55V - 0.0065 OHM - 80A TO-220/D2PAK/I2PAK STRIPFET II POWER MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
STP140NF75 STB140NF75-1 STB140NF75 STB140NF75T4 -S |
N-CHANNEL 75V - 0.0065 ohm -120A D??AK/I??AK/TO-220 STripFET??II POWER MOSFET N-CHANNEL Power MOSFET N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 75V - 0.0065OHM -120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 75V - 0.0065OHM -120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET
|
STMicroelectronics ST Microelectronics
|
NTB75N03-06T4G NTB75N03-06G NTB75N03-006 NTB75N03- |
75 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, CASE 418AA-01, D2PAK-3 Power MOSFET 75 Amps, 30 Volts
|
ON Semiconductor
|
STB80NF55L-08 STP80NF55L-08 |
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFETII POWER MOSFET N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET II POWER MOSFET N-CHANNEL 55V - 0.0065 OHM - 80A TO-220 D2PAK STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET⑩ II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
MCP3204-BISL MCP3204-CIST MCP3204-CIP MCP3204-BIP |
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.93,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 CBS SCREW-MOUNT NYLON 3/4,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.68,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 400000 SYSTEM GATE 1.8 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口
|
Microchip Technology Inc. Microchip Technology, Inc.
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
ISB-A27-0 |
150 mA, 30 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Ultrathin Miniature Package 4-channel N-channel MOSFET Array
|
Sanyo Semicon Device
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
HI3-509A HI3-0506A-5 HI3-0507A-5 HI3-0508A-5 HI1-0 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
|
HARRIS[Harris Corporation]
|
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|